|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FMMT493A SOT23 60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR NPN: VCEO = 60V, IC = 1A, VCE(SAT) = 0.5V @1A C Description: This 60V NPN transistor provides users with performance combining low saturation and high hFE with a continuous current capability of 1A, ensuring improved circuit efficiencies. E B SOT23 Features Low saturation voltage High hFE min 300 @ 250mA IC = 1A Applications * Various driving functions including:- Motors - Actuators - Soleniod & Relays * Backlight Inverters. * DC_DC Modules. E Device Reel Size (inches) FMMT493ATA FMMT493ATC 7 13 Tape Width (mm) 8mm embossed 8mm embossed Quantity Per Reel 3000 units 10000 units C B TOP VIEW ISSUE 1 - OCTOBER 2001 1 FMMT493A ELECTRICAL CHARACTERISTICS (at Tamb = 25 C). PARAMETER Collector - Base Breakdown Voltage Collector - Emitter Breakdown Voltage Emitter - Base Breakdown Voltage Collector Cut-Off Current Collector Cut-Off Current Emitter Cut-Off Current Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage Base Emitter Turn On Voltage Static Forward Current Transfer Ratio I CBO I CES I EBO V CE(SAT) 100 100 100 0.25 0.5 V BE(SAT) V BE(ON) h FE 300 500 300 100 20 Transition Frequency fT 150 Mhz 1200 1.15 1.0 nA nA nA V V V V V CB = 45V V CES = 45V V EB = 4V I C = 500mA, I B = 50mA I C = 1A, I B = 100mA I C =1A, I B = 100mA I C = 1A, V CE - 10V I C = 1mA, V CE = 10V I C = 150mA, V CE = 10V I C = 250mA, V CE = 10V I C = 500mA, V CE = 10V I C = 1A, V CE = 10V I C = 50mA, V CE = 10V f = 100MHz Collector - Base Breakdown Voltage C OBO 10 pF V CB = 10V, f = 1MHz SYMBOL V (BR)CBO V CEO(SUS) V (BR)EBO MIN. 120 60 5 MAX. UNIT V V V CONDITIONS. I C = 100 A I C = 10mA* I E = 100 A *Measured under pulsed conditions. Pulse width = 300 s. Duty Cycle <2% ISSUE 1 - OCTOBER 2001 2 FMMT493A ELECTRICAL CHARACTERICS 0.40 Tamb=25C 0.35 IC/IB=50 100C VCE(SAT) (V) (V) IC/IB=100 CE(SAT) 100m 0.30 0.25 0.20 0.15 0.10 0.05 -55C 25C 1 0m IC/IB=50 IC/IB=10 1m 10m 100m 1 V 1m 10m 100m 1 IC Collector Current (A) IC Collector Current (A) VCE(SAT) v IC 1400 1.2 VCE=10V 100C VCE(SAT) v IC 1200 1.0 IC/IB=50 -55C Normalised Gain 0.8 0.6 0.4 0.2 0.0 1m 25C 800 600 V(BE SAT (V) ) 1.0 1000 Typical Gain (hFE) 0.8 0.6 25C 100C -55C 400 200 0 0.4 10m 100m 1 0.2 1m 10m 100m 1 IC Collector Current (A) IC Collector Current (A) hFE v IC 1.0 VCE=10V VBE(SAT) v IC VBE(ON) (V) 0.8 -55C 0.6 25C 0.4 100C 0.2 1m 10m 100m 1 IC Collector Current (A) VBE(ON) v IC ISSUE 1 - OCTOBER 2001 3 FMMT493A ABSOLUTE MAXIMUM RATINGS. PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Pulse Current Base Current Power Dissipation at T amb =25C Operating and Storage Temperature Range SYMBOL V CBO V CEO V EBO IC I CM IB P tot T j :T stg VALUE 120 60 5 1 2 200 500 -55 to +150 UNIT V V V A A mA mW C THERMAL RESISTANCE PARAMETER Junction to Ambient (a) SYMBOL R JA VALUE 250 UNIT C/W Mounted on a 15mm x 15mm x 0.6mm alumina substrate connected using 25mm x 0.5 dia copper wire. ISSUE 1 - OCTOBER 2001 4 FMMT493A THERMAL CHARACTERISTICS 0.6 Max Power Dissipation (W) IC Collector Current (A) 1 0.5 0.4 0.3 0.2 0.1 0.0 0 20 40 60 80 100 120 140 160 DC 1s 100ms 10ms 1ms Single Pulse Tamb=25C 100s 100m 10m 100m 1 10 100 VCE Collector-Emitter Voltage (V) Temperature (C) Safe Operating Area Derating Curve Thermal Resistance (C/W) 250 200 150 100 D=0.2 Single Pulse D=0.05 D=0.1 D=0.5 50 0 100 1m 10m 100m 1 10 100 1k Pulse Width (s) Transient Thermal Impedance ISSUE 1 - OCTOBER 2001 5 FMMT493A PACKAGE DIMENSIONS PAD LAYOUT DETAILS DIM Millimetres Min A B C D F G K L N 2.67 1.20 - 0.37 0.085 NOM 1.9 0.01 2.10 NOM 0.95 N Inches Max 3.05 1.40 1.10 0.53 0.15 Min 0.105 0.047 - 0.0145 0.0033 NOM 0.075 0.10 2.50 0.0004 0.0825 NOM 0.037 Max 0.120 0.055 0.043 0.021 0.0059 0.004 0.0985 (c) Zetex plc 2001 Zetex plc Fields New Road Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4422 Fax: (44) 161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY11788 USA Telephone: (631) 360 2222 Fax: (631) 360 8222 Zetex (Asia) Ltd 3701-04 Metroplaza, Tower 1 Hing Fong Road Kwai Fong, Hong Kong China Telephone: (852) 26100 611 Fax: (852) 24250 494 These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com ISSUE 1 - OCTOBER 2001 6 |
Price & Availability of FMMT493ATA |